Part Number Hot Search : 
MB89535 XF162 PCF1172C EL2003C UPC8102 M22U8235 AM3443P HN1D02F
Product Description
Full Text Search
 

To Download KHS-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  coil data @ 25 c voltage: from 6 to 120vdc, and 6 to 240vac, 50/60 hz. nom. power: dc coils - 0.9 watt; 0.5 watt minimum operate @ 25 c. ac coils - 1.2 va; 0.55 va minimum operate @ 25 c. max. power: dc coils - 2.0 watts @ 25 c. duty cycle: continuous. initial breakdown voltage: 500v rms, 60 hz. operate data @ 25 c must-operate voltage: dc: 75% of nominal voltage. ac: 85% of nominal voltage. operate time: 13 milliseconds typical @ nominal voltage (excluding bounce). release time: 6 milliseconds typical @ nominal voltage (excluding bounce). environmental data temperature range: -45 c to +70 c operate. -60 c to +130 c storage. mechanical data mountings: #3-48 stud, sockets with printed circuit or solder terminals, or bracket plate with #6-32 threaded stud. termination: printed circuit or solder/socket terminals. printed circuit terminals are available for khs on a special order basis. enclosures: see ordering information table. weight: 1.6 oz. approx. (45g). file e22575 file lr15734 kha series general purpose dry circuit to 5a multicontact ac or dc relay khs khau features miniature size from 2 pole to 4 pole. khau is produced on an automated line, while khu is produced manually. form, fit and function of the two versions are identical. khs hermetically sealed version ul approved for class 1 division 2 hazardous locations. various applications include process control, photocopier, and data processing. push-to-test and inidcator options available. various contact materials available for specific load requirements. contact data @ 25 c arrangements: 2 form c (dpdt), 4 form c (4pdt). expected life: 10 million operations, mechanical; 100,000 operations min. at rated loads. ratings are based on tests of relays with ungrounded frames. initial breakdown voltage: 500v rms, 60 hz., between open contacts. 1240v rms, 60 hz., between all other elements. contact ratings resistive rating minimum maximum 1 silver 100ma @ 3a @ 12vac/12vdc 120vac/28vdc 2* silver-cadmium 500ma @ 5a @ oxide 12vac/12vdc 120vac/28vdc 3 gold-silver-nickel 10ma @ 2a @ 12vac/12vdc 120vac/28vdc 6 bifurcated cross bar, dry circuit 1a @ gold overlay silver 120vac/28vdc 8 gold diffused silver 50ma @ 3a @ 12vac/12vdc 120vac/28vdc note: relays should only carry a maximum of 15 amps continuously for all poles combined. khs contact ratings class i division ii hazardous location: 5a@28vdc/120vac ul 508 (industrial control): 3a@28vdc/120vac; 1/10 hp @ 120vac. contact code material coil data dc coils ac coils resistance nominal resistance nominal nominal in ohms inductance in ohms ac current voltage 10% @ in henrys 15% in ma 25 0 c 5 32 .072 6 40 .08 10.5 200 12 160 .28 43 100 24 650 1.0 160 52 48 2,600 4.5 668 25 110 * 11,000 17.0 120 * 3,900 11.0 240 12,000 6.0 * note: for 220 and 240vdc, use series dropping 5w resistor of 11,000 ? .
khae-17d12-24 khau-11a11-120 khau-11d11-24 khau-17a11-12 khau-17a11-24 khau-17a11-120 khau-17a11n-120 khau-17a12-120 khau-17a13-120 khau-17a16-24 khau-17a16-120 khau-17a18-120 khau-17d11-6 khau-17d11-12 ordering information stock items - the following items are normally maintained in stock for immediate delivery. khau-17d11-24 khau-17d11-48 khau-17d11-110 khau-17d12-12 khau-17d12-24 khau-17d12-48 khau-17d12-110 khau-17d16-12 khau-17d16-24 khs-17a11-24 khs-17a11-120 khs-17a12-120 khs-17d11-12 khs-17d11-24 khs-17d11-48 khs-17d11-110 khs-17d12-12 khs-17d12-24 typical part no. b kha u -17 a 1 1 b -24 1. basic series: (see note 1) 2. type: e = printed circuit terminals, nylon dust cover, contacts rated opposite polarity (ul & csa). s = solder terminals, hermetically sealed steel case (ul & csa). note: do not ground khs frame without consulting factory for load levels. (order as khs, not khas.) u = solder terminals, clear polycarbonate dust cover, contacts rated same polarity (ul & csa). 3. contact arrangement: 11 = 2 form c (dpdt) 17 = 4 form c (4pdt) 4. operating coil: a = ac d = dc 5. mounting and termination: 1 = socket mount, solder terminals on s, u types; printed circuit terminals on e types. 6. contact material: relay type e s u available codes 1, 2, 3, 1*, 2*, 1, 2, 6, 8 3 6, 8 *ul rated 1/10 hp, 3a, 120vac when used with mounting & termination 1. 1 = silver. 3 = gold-silver-nickel. 8 = gold diffused silver. 2 = silver-cadmium oxide. 6 = bifurcated crossbar, gold overlay silver. 7. options available: relay type e s u n available codes b (dpdt only) none b h l m b = push to test button. n = neon indicator. only available with 120vac or 110vdc coils. not available with mounting & termination 4 or 8. h = neon indicator and push to test button. only available with 120vac or dc coils. not available with mounting & termination 4 or 8. l = led indicator. only available with 6-48vdc coils. m = led indicator and push-to-test button. only available with 6-48vdc coils. 8. coil voltage: 6, 12, 24, 48, 120, 240**vac 6, 12, 24, 48, 110vdc **240vac coil is not available on khs type relays. note 1: some kha models available in kh construction. specify kh instead of kha.
+ = polarity for led indicator. .859 max. (21.82) 1 2 3 4 5 6 7 8 9 10 11 12 .421 (10.69) 1.109 max. (28.17) .525 (13.34) .263 (6.68) .16 8 (4.27) .022 (.56) .265 (6.73) .750 (19.05) .000 - .010 (.00 - .25) .312 (7.92) #3-48 thread .25 (6.4) 1.281 max. (32.54) .250 + .015 (6.35 .38) #3-48 thread 1.281 max. (32.54) .312 + .031 (7.92 .79) .281 ref. (7.14) 1.156 max. (29.36) .525 ref. (13.34) .263 ref. (6.68) .45 ref. (11.4) .910 max. (23.11) .022 ref (.56) wiring diagrams (bottom views) pc board layout (bottom view) outline dimensions mounting code 1 - khau only. mounting code 1 - khs only. pc terminal models have rivet, not stud. max. seated height in 27e006 socket is 1.37" (34.8mm). 2 & 4 pole 2 & 4 pole class 1 div. 2 group a, b, c & d hazards mounting code 1 - neon indicator, push-to-test. .16 0 (4.06) 14 places .070 dia. (1.78) .410 (10.41) .660 (16.76) .175 (4.45) .350 (8.89) .525 (13.34) for khae relays with pc terminals and sockets with pc terminals 13 4 8 12 1 5 9 14 4 8 12 3 7 11 2 6 10 1 5 9 13 14 - + - + 2 pole 4 pole printed circuit terminals .180 dia. bosses (4.57) .265 .046 (6.73 1.17 ) 1 2 3 4 5 6 7 8 9 10 11 12 .859 max. (21.82) .168 020 (4.27 .51) .16 8 (4.27) 1.109 max. (28.17) .421 .046 (10.69 1.17 ) .525 (13.34) .263 (6.68) .313 (7.95) .022 .015 (.56 .38) .797 .020 (20.24 .51) .040 .010 (1.02 .25) .250 (6.35) .125 dia. (3.18) 1.281 max. (32.54) 1.600 max with indicator lamp (38.10) #3-48 thread .312 .031 (7.92 .79) .219 (5.56) .050 dia. typical (1.27) .15 (3.81) printed circuit terminal thickness .022 (.558) .200 (5.08) terminal length available on special order .112 (2.84) .052 ref. (1.32) .047 ref. (1.19) .750 (19.05)
all sockets are normally maintained in stock for immediate delivery. for khau, khax, khs relays. relays wilth solder terminals are required for use with sockets. printed circuit terminals with grounding lug caution: printed circuit sockets are manufactured with "floating" (loose) terminals. this permits them to align with holes in the circuit board and with the relay terminals. during the mounting and soldering of the socket, vertical float should be eliminated and the terminals seated on the board. (this may be accomplished by inserting a dummy relay in the socket.) failure to eliminate float may cause fracture of the solder joint or separation of the copper conductor from the printed circuit board when a relay is inserted in the socket after soldering. .061 (1.55) ground lug .171 (4.34) .218 .016 (5.54 0.41) .061 (1.55) .171 (4.34) .218 .016 (5.54 0.41) .25 (6.4) 1.388 (35.26) .629 (15.98) 1.388 (35.26) .090 r. (2.29) 1.323 (33.60) .617 (15.67) 1.750 (44.45) 1. 015 (25.78) .32 (8.1) .090 (2.29) .18 0 (4.57) .16 (4.1) .429 (10.90) .065 (1.65) .858 (21.79) .13 (3.3) sockets for kha and khs series mounting strip 37d633 pierced solder terminals .10 5 (2.67) ground lug .052 .010 (1.32 0.25) .125 .010 (3.18 0.25) 37d633 will mount eight solder terminal sockets in one length of aluminum strip measuring 10.97" x 2.25" x .062 (278.6 x 57.15 x 1.57) screw terminal socket 27e166 screw terminal din rail, relays with solder terminals are required for use snap-mount socket 27e894 with screw terminal sockets. (use with mounting track 24a110) 2.363 max. (60.02) .94 (23.88) 1.1 8 (30.0) .47 (11.93) .140 typ . (3.56) .800 max. (20.32) .446 ref. (11.33) 1.22 max. (30.99) .210 typ . (5.33) # 4-40 screws & captive washers .600 (15.24) 27e894 terminal location top view hold down spring 20c217 without grounding lug 4-pole socket 8 7 6 5 4 3 2 1 12 11 10 9 14 g 13 27e166 terminal location .850 (21.59) 1.15 0 (29.21) 1.07 (2.72) .310 (7.87) .068 (1.73) .18 3 (4.65) .012 (0.30) .440 (11.18) recommended chassis thickness .031 (.79) to .062 (1.57) socket punch greenlee part 5015115.0, type 731r available from greenlee tool co., rockford, illinois. (4-pole) 1. 015 (25.78) .858 (21.79) recommended chassis cutouts for mounting sockets socket description industrial no. of terminal grounding socket part no. poles and length provision material 27e006 * 4 solder .375" yes nylon (9.53mm) 27e007 * 4 p.c. .218" yes nylon (5.54mm) 27e023 * 4 p.c. .218" no nylon 27e220* 2 (5.54mm) 27e166 ** 4 screw yes glass-filled polyester 27e894 ** 4 screw no glass-filled polyester 20c217 relay hold down spring 20c297 relay hold down spring (use with 27e166 & 27e894) * ul recognized, file e22575 ** ul recognized, file e59244 specifications and availability subject to change without notice. 13c5420 printed in u.s.a. ih/3-00 1.1 8 1 (30.00) .236 (5.99) m3 screws & captive washers .709 (18.01) .16 5 (4.19) 1. 7 7 1 (44.98) 2.441 (62.00) 1.024 (26.01) .984 (24.99) .118 (3.00) .728 (18.49) 8 7 43 6 5 21 14 13 11 10 12 9 top view tyco electronics corporation - p&b, winston-salem, nc 27102 technical support center: 1-800-522-6752, www.pandbrelays.com


▲Up To Search▲   

 
Price & Availability of KHS-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X